Part Number Hot Search : 
A3935KLQ SP1040 MHW9242A SL55143I C511A HCF40107 IRFP451 114TN6R
Product Description
Full Text Search
 

To Download SB2060FCT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SB2060FCT
SCHOTTKY BARRIER RECTIFIER
VOLTAGE: 60V CURRENT: 20.0A
FEATURE
High current capability, Low forward voltage drop Low power loss, high efficiency High surge capability High temperature soldering guaranteed 250 /10sec/0.375" lead length at 5 lbs tension C
ITO-220AB
MECHANICAL DATA
Terminal: Plated axial leads solderable per MIL-STD 202E, method 208C Case: Molded with UL-94 Class V-0 recognized Flame Retardant Epoxy Polarity: Common Cathode Mounting position: any
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half-wave, 60HZ, resistive or inductive load rating at 25C, unless otherwise stated)
SYMBOL Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC blocking Voltage Maximum Average Forward Rectified Current at Tc=90 C Peak Forward Surge Current 8.3ms single half sine-wave superimposed on rated load Maximum Forward Voltage at 10A Maximum DC Reverse Current at rated DC blocking voltage Typical Thermal Resistance Ta =25 C Ta =100 C (Note 1) Vrrm Vrms Vdc If(av) Ifsm Vf Ir Rth(jc) Tj Tstg SB2060FCT 60 42 60 20 200 0.75 0.5 100 2.0 -50 to +125 -50 to +150 units V V V A A V mA C/W C C
Operating Junction Temperature Range Storage Temperature Range Note: 1.Thermal Resistance from Junction to Case
Rev.A1
www.gulfsemi.com
RATINGS AND CHARACTERISTIC CURVES SB2060FCT
Rev.A1
www.gulfsemi.com


▲Up To Search▲   

 
Price & Availability of SB2060FCT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X